Part Number Hot Search : 
27011 VIT4045C 1N6284C 128KX36 XC3042A MV7442 ER108L MBR340
Product Description
Full Text Search
 

To Download IDT74FCT3574D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.3V CMOS OCTAL D REGISTERS (3-STATE)
Integrated Device Technology, Inc.
IDT54/74FCT3574/A ADVANCE INFORMATION
FEATURES:
* 0.5 MICRON CMOS Technology * ESD > 2000V per MIL-STD-883, Method 3015; > 200V using machine model (C = 200pF, R = 0) * 25 mil Center SSOP Packages * Extended commercial range of -40C to +85C * VCC = 3.3V 0.3V, Normal Range or VCC = 2.7V to 3.6V, Extended Range * CMOS power levels (0.4W typ. static) * Rail-to-Rail output swing for increased noise margin * Military product compliant to MIL-STD-883, Class B
DESCRIPTION:
The FCT3574/A are 8-bit registers built using an advanced dual metal CMOS technology. These registers consist of eight D-type flip-flops with a buffered common clock and buffered 3-state output control. When the output (OE) input is LOW, the eight outputs are enabled. When the OE input is HIGH, the outputs are in the high-impedance state. Input data meeting the set-up and hold time requirements of the D inputs is transferred to the O outputs on the LOW-toHIGH transition of the clock input.
FUNCTIONAL BLOCK DIAGRAM
D0 CP CP D Q CP D Q CP D Q CP D Q CP D Q CP D Q CP D Q CP D Q D1 D2 D3 D4 D5 D6 D7
OE O0 O1 O2 O3 O4 O5 O6 O7
3095 drw 01
PIN CONFIGURATION
OE D0 D1 D2 D3 D4 D5 D6 D7 GND 1 2 3 4 P20-1 5 D20-1 SO20-2 6 & 7 SO20-7 8 9 10 20 19 18 17 16 15 14 13 12 11 VCC O0 O1 O2 O3 O4 O5 O6 O7 CP
PIN DESCRIPTION
Pin Names DN CP ON Description D flip-flop data inputs Clock Pulse for the register. Enters data on LOW-to-HIGH transition. 3-state outputs, (true) 3-state outputs, (inverted) Active LOW 3-state Output Enable input
3095 tbl 01
ON OE
DIP/SOIC/SSOP TOP VIEW
3095 drw 02
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
MILITARY AND COMMERCIAL TEMPERATURE RANGES
(c)1995 Integrated Device Technology, Inc.
AUGUST 1995
DSC-4650/-
8.14
1
IDT54/74FCT3574/3574A 3.3V CMOS OCTAL D REGISTERS (3-STATE)
MILITARY AND COMMERCIAL TEMPERATURE RANGES
FUNCTION TABLE (1)
Inputs Function
HI-Z LOAD REGISTER
ABSOLUTE MAXIMUM RATINGS(1)
Outputs DN X X L H L H ON Z Z L H Z Z Internal
OE
H H L L H H
CP L H
QN
NC NC H L H L
3095 tbl 02

NOTE: 1. H = HIGH Voltage Level L = LOW Voltage Level X = Don't Care Z = High Impedance NC = No Change = LOW-to-HIGH transition
Symbol Rating Commercial Military VTERM(2) Terminal Voltage -0.5 to +4.6 -0.5 to +4.6 with Respect to GND VTERM(3) Terminal Voltage -0.5 to +7.0 -0.5 to +7.0 with Respect to GND -0.5 to VTERM(4) Terminal Voltage -0.5 to with Respect to VCC + 0.5 VCC + 0.5 GND TA Operating -40 to +85 -55 to +125 Temperature TBIAS Temperature -55 to +125 -65 to +135 Under Bias TSTG Storage -55 to +125 -65 to +150 Temperature PT Power Dissipation 1.0 1.0 IOUT DC Output Current -60 to +60 -60 to +60
Unit V
V
V C C C W mA
CAPACITANCE (TA = +25C, f = 1.0MHz)
Symbol CIN Input Capacitance COUT Output Capacitance Parameter(1) Conditions VIN = 0V VOUT = 0V Typ. 3.5 4.0 Max. Unit 6.0 pF 8.0
pF
3095 tbl 04
NOTE: 1. This parameter is measured at characterization but not tested.
3095 lnk 03 NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. Vcc terminals. 3. Input terminals. 4. Output and I/O terminals.
8.14
2
IDT54/74FCT3574/3574A 3.3V CMOS OCTAL D REGISTERS (3-STATE)
MILITARY AND COMMERCIAL TEMPERATURE RANGES
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: Commercial: TA = -40C to +85C, VCC = 2.7V to 3.6V; Military: TA = -55C to +125C, VCC = 2.7V to 3.6V
Symbol VIH VIL II H II L IOZH IOZL VIK IODH IODL VOH Parameter Input HIGH Level (Input pins) Input HIGH Level (I/O pins) Input LOW Level (Input and I/O pins) Input HIGH Current (Input pins)(6) Input HIGH Current (I/O pins)(6) pins)(6) VCC = Max. Input LOW Current (Input VCC = Max. VI = 5.5V VI = VCC VI = GND VI = GND VO = VCC VO = GND VCC = Min., IIN = -18mA VCC = 3.3V, VIN = VIH or VIL, VO = 1.5V(3) VCC = 3.3V, VIN = VIH or VIL, VO = VCC = Min. VIN = VIH or VIL VCC = 3.0V VIN = VIH or VIL VCC = Min. VIN = VIH or VIL 1.5V(3) IOH = -0.1mA IOH = -3mA IOH = -6mA MIL. IOH = -8mA COM'L. IOL = 0.1mA IOL = 16mA IOL = 24mA VCC = 3.0V IOL = 24mA VIN = VIH or VIL VCC = Max., VO = GND(3)
--
Test Conditions(1) Guaranteed Logic HIGH Level Guaranteed Logic LOW Level
Min. 2.0 2.0 -0.5 -- -- -- -- -- -- -- -36 50 VCC-0.2 2.4 2.4 (5) -- -- -- -- -60 -- -- --
Typ.(2) -- --
--
Max. 5.5 VCC+0.5 0.8 1 1 1 1 1 1
-1.2
Unit V V A
-- -- -- -- -- -- -0.7
Input LOW Current (I/O pins)(6) High Impedance Output Current (3-State Output pins) (6) Clamp Diode Voltage Output HIGH Current Output LOW Current Output HIGH Voltage
A V mA mA V
-60 90 -- 3.0 3.0 -- 0.2 0.3 0.3
-135
-110 200 -- -- -- 0.2 0.4 0.55 0.50 -240
--
VOL
Output LOW Voltage
V
IOS VH ICCL ICCH ICCZ
Short Circuit Current(4) Input Hysteresis Quiescent Power Supply Current
mA mV A
150 0.1 0.1
VCC = Max., VIN = GND or VCC
COM'L. MIL.
10 100
NOTES: 1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at Vcc = 3.3V, +25C ambient. 3. Not more than one output should be tested at one time. Duration of the test should not exceed one second. 4. This parameter is guaranteed but not tested. 5. VOH = VCC -0.6V at rated current. 6. The test limits for this parameter is 5A at TA = -55C.
3095 lnk 05
8.14
3
IDT54/74FCT3574/3574A 3.3V CMOS OCTAL D REGISTERS (3-STATE)
MILITARY AND COMMERCIAL TEMPERATURE RANGES
POWER SUPPLY CHARACTERISTICS
Symbol ICC ICCD Parameter Quiescent Power Supply Current Dynamic Power Supply Current(4) VCC = Max. Test Conditions(1) VIN = VCC -0.6V(3) VIN = VCC VIN = GND Min. Typ.(2) Max. Unit mA A/ MHz
IC
Total Power Supply Current (6)
VCC = Max. Outputs Open OE = GND 50% Duty Cycle One Input Toggling VCC = Max. Outputs Open fCP = 10MHz 50% Duty Cycle OE = GND fi = 5MHz 50% Duty Cycle One Bit Toggling VCC = Max. Outputs Open fCP = 10MHz 50% Duty Cycle OE = GND fi = 2.5MHz 50% Duty Cycle Eight Bits Toggling
VIN = VCC VIN = GND
mA
VIN = VCC -0.6V VIN = GND
VIN = VCC VIN = GND
VIN = VCC -0.6V VIN = GND
NOTES: 1. For conditions shown as max. or min., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 3.3V, +25C ambient. 3. Per TTL driven input; all other inputs at VCC or GND. 4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations. 5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested. 6. IC = IQUIESCENT + IINPUTS + IDYNAMIC IC = ICC + ICC DHNT + ICCD (fCPNCP/2 + fiNi) ICC = Quiescent Current (ICCL, ICCH and ICCZ) ICC = Power Supply Current for a TTL High Input DH = Duty Cycle for TTL Inputs High NT = Number of TTL Inputs at DH ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL) fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices) NCP = Number of Clock Inputs at fCP fi = Input Frequency Ni = Number of Inputs at fi
3095 tbl 06
8.14
4
IDT54/74FCT3574/3574A 3.3V CMOS OCTAL D REGISTERS (3-STATE)
MILITARY AND COMMERCIAL TEMPERATURE RANGES
SWITCHING CHARACTERISTICS OVER OPERATING RANGE(3)
FCT3574 Com'l. Symbol tPLH tPHL tPZH tPZL tPHZ tPLZ tSU tH tW Parameter Propagation Delay CP to ON(3) Output Enable Time Output Disable Time Set-up Time HIGH or LOW, DN to CP Hold Time HIGH or LOW, DN to CP CP Pulse Width HIGH or LOW Conditions(1) CL = 50pF RL = 500
Min.(2) Max.
Mil.
Min.(2) Max.
FCT3574A Com'l. Mil.
Min.(2) Max. Min.(2) Max.
2.0 1.5 1.5 2.0 1.5 7.0
10.0 12.5 8.0 -- -- --
2.0 1.5 1.5 2.0 1.5 7.0
11.0 14.0 8.0 -- -- --
2.0 1.5 1.5 2.0 1.5 5.0
6.5 6.5 5.5 -- -- --
2.0 1.5 1.5 2.0 1.5 6.0
7.2 7.5 6.5 -- -- --
Unit ns ns ns ns ns ns
3095 tbl 07 NOTES: 1. See test circuit and waveforms. 2. Minimum limits are guaranteed but not tested on Propagation Delays. 3. Propagation Delays and Enable/Disable times are with VCC = 3.3V 0.3V, Normal Range. For VCC = 2.7V to 3.6V, Extended Range, all Propagation Delays and Enable/Disable times should be degraded by 20%.
8.14
5
IDT54/74FCT3574/3574A 3.3V CMOS OCTAL D REGISTERS (3-STATE)
MILITARY AND COMMERCIAL TEMPERATURE RANGES
TEST CIRCUITS AND WAVEFORMS TEST CIRCUITS FOR ALL OUTPUTS
6V V
CC
SWITCH POSITION
Open GND
500 V Pulse Generator R
T IN
V D.U.T.
OUT
Test Open Drain Disable Low Enable Low Disable High Enable High All Other tests
Switch 6V
50pF C
L
500
SET-UP, HOLD AND RELEASE TIMES
DATA INPUT TIMING INPUT ASYNCHRONOUS CONTROL PRESET CLEAR ETC. SYNCHRONOUS CONTROL PRESET CLEAR CLOCK ENABLE ETC. tSU
tH
tREM
tSU
tH
PROPAGATION DELAY
SAME PHASE INPUT TRANSITION tPLH OUTPUT tPLH OPPOSITE PHASE INPUT TRANSITION tPHL tPHL 3V 1.5V 0V VOH 1.5V VOL 3V 1.5V 0V
3095 drw 06
GND Open
3095 lnk 08 DEFINITIONS: CL= Load capacitance: includes jig and probe capacitance. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator.
3095 drw 03
PULSE WIDTH
3V 1.5V 0V 3V 1.5V 0V 3V 1.5V 0V 3V 1.5V 0V
LOW-HIGH-LOW PULSE tW HIGH-LOW-HIGH PULSE
1.5V
1.5V
3095 srw 05 3095 drw 04
ENABLE AND DISABLE TIMES
ENABLE CONTROL INPUT tPZL OUTPUT NORMALLY LOW OUTPUT NORMALLY HIGH SWITCH 6V tPZH SWITCH GND 1.5V 0V 3V 1.5V tPHZ 0.3V VOH 0V
3095 drw 07
DISABLE 3V 1.5V tPLZ 0V 3V 0.3V VOL
NOTES: 1. Diagram shown for input Control Enable-LOW and input Control DisableHIGH. 2. Pulse Generator for All Pulses: Rate 1.0MHz; tF 2.5ns; tR 2.5ns. 3. If VCC is below 3V, input voltage swings should be adjusted not to exceed VCC.
8.14
6
IDT54/74FCT3574/3574A 3.3V CMOS OCTAL D REGISTERS (3-STATE)
MILITARY AND COMMERCIAL TEMPERATURE RANGES
ORDERING INFORMATION
IDT XX Temp. Range FCT X Family XX Device Type X Package X Process Blank B P D SO PY 574 574A 3 54 74 Commercial MIL-STD-883, Class B Plastic DIP (P20-1) CERDIP (D20-1) Small Outline IC (SO20-2) Shrink Small Outline Package (SO20-7) Non-Inverting Octal D Register
3.3 Volt -55C to +125C -40C to +85C
3095 drw 08
8.14
7


▲Up To Search▲   

 
Price & Availability of IDT74FCT3574D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X